PART |
Description |
Maker |
MPXA6115A MPXH6115A |
MPXA6115A High Temperature Accuracy Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Altimeter or Barometer Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
|
Motorola
|
3197 A3197ELT A3197EU A3197LLT A3197LU A3196LLT A3 |
PROTECTED HIGH-TEMPERATURE OPEN-COLLECTOR HALL-EFFECT LATCH PROTECTED, HIGH-TEMPERATURE, OPEN-COLLECTOR HALL-EFFECT LATCH PROTECTED/ HIGH-TEMPERATURE/ OPEN-COLLECTOR HALL-EFFECT LATCH Protected,High-Temperature,Hall-Effect Latch With Active Pull-Down(保护型,工作于高温,集电极开路霍尔效应锁存器) IC SENSOR QWHEEL ROTARY 14TSSOP Protected,High-Temperature,Hall-Effect Latch With Active Pull-Down(淇?????宸ヤ?浜??娓╋???????璺??灏??搴??瀛??) Protected, high-temperature, hall-effect latch with active pull-down
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
BZG05C BZG05C10 BZG05C100 BZG05C11 BZG05C12 BZG05C |
High Precision 10 V Reference; Package: CHIPS OR DIE; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 High Precision 10 V Reference; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 2.5 V/3.0 V Ultrahigh Precision Bandgap Voltage Reference; Package: PDIP; No of Pins: 8; Temperature Range: Industrial 硅的Z -二极 High Precision 10 V Reference; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 Silicon Z-Diodes 硅的Z -二极 High Precision 10 V Reference; Package: CerDIP; No of Pins: 8; Temperature Range: Military Silicon Z-Diode(稳压应用电压范围3.3-100V的齐纳二极管) From old datasheet system
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] Vishay Telefunken
|
1N4007G 1N4004G 1N4001G 1N4002G 1N4002 1N4006 1N40 |
Rectifiers(整流 1 A, 1000 V, SILICON, SIGNAL DIODE (1N4001G - 1N4007G) Rectifiers(Rugged glass package / using a high temperature alloyed construction) IC REG VOLT 4.8V 240MA SOT-23 Rectifiers(Rugged glass package/ using a high temperature alloyed construction) Rectifiers(Rugged glass package, using a high temperature alloyed construction) 1 A, 50 V, SILICON, SIGNAL DIODE Rectifiers(Rugged glass package, using a high temperature alloyed construction) 整流器(坚固的玻璃封装,采用高温合金建设 Rectifiers(Rugged glass package, using a high temperature alloyed construction) 1 A, 400 V, SILICON, SIGNAL DIODE
|
PHILIPS[Philips Semiconductors] http:// NXP Semiconductors N.V.
|
MP3V5050V MP3V5050VC6T1 MP3V5050VC6U |
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
Freescale Semiconductor, Inc
|
3141 A3143 UGN3120ELT UGN3120EUA UGN3120LLT UGN312 |
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION 敏感的霍尔效应开关高温作 IC SENSOR 1 CHAN QTOUCH SOT23-6 (UGN3141 - UGN3144) SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION Sensitive Hall-Effect Switches, High-Temperature
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems] http://
|
A3121UA A3121LUA A3121EU A3123LUA 3122 3121 A3123U |
HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION Hall Effect switch For High-Temperature Operation(工作于高温的霍尔效应开 HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION 霍尔效应开关高温作 Audio CODEC IC; IC Function:Audio Codec; Package/Case:28-SSOP; Interface Type:Serial; Leaded Process Compatible:No; No. of Bits:24; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount RoHS Compliant: No 霍尔效应开关高温作 KPT 18C 18#20 PIN PLUG 霍尔效应开关高温作
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
LP25-122-KT151W LP12-112-KT151W LP12-163-KT151W LP |
RESISTOR, TEMPERATURE DEPENDENT, PTC, 1200 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 1100 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 16000 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 5100 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 1600 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 150 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 390 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 30 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 33 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 3.6 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 2.4 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 3.3 ohm, THROUGH HOLE MOUNT RTD TEMP SENSOR-PLATINUM RESISTOR, TEMPERATURE DEPENDENT, PTC, 75 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 20 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 24 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 82 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 68 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 6800 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 180 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 18000 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 1800 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 820 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 680 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 22 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 11 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 13 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 56 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 18 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 160 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 68000 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 1.8 ohm, THROUGH HOLE MOUNT
|
RCD Components, Inc. Golledge Electronics, Ltd. RCD COMPONENTS INC
|
T2035H-600TRG T2035H-600G-TR T2035H T2035H-600G T2 |
Snubberless?/a> high temperature 20 A Triacs Snubberless high temperature 20 A Triacs Snubberless⑩ high temperature 20 A Triacs
|
STMicroelectronics
|
LTC4440ES6-5 LTC4440-5 LTC4440EMS8E-5 LTC4440EMS8E |
High Speed, High Voltage High Side Gate Driver; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Speed, High Voltage, High Side Gate Driver High Speed, High Voltage High Side Gate Driver; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1.1 A BUF OR INV BASED MOSFET DRIVER, PDSO8
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
EMC5.0F-LC EMC8.0F-LC EMC3.3F-LC EMC15F-LC EMC12F- |
Direct ProTek Replacement:EMC5.0F-LC Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 24-QFN 1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator; Temperature Range: -40°C to 85°C; Package: 10-DFN High Power LED Driver; Temperature Range: -25°C to 85°C; Package: 20-QFN Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers; Temperature Range: -25°C to 85°C; Package: 32-TQFP 直接太克替代:EMC3.3F,立法会 Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 24-QFN 直接太克替代:EMC8.0F,立法会
|
New Japan Radio Co., Ltd.
|
|